Part Number Hot Search : 
RC122 TPA312 R2A33 S2801 EPT7064 MAE13030 29LV00 CM1008
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 THRU SB1100
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 1.0 Ampere
FEATURES
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Metal silicon junction,majority carrier conduction Low power loss,high efficiency High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
DO-41
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160(4.1)
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.012 ounce, 0.33 grams
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TL = 100C Symbol VRRM VRWM VR VR(RMS) IO SB120 SB130 SB140 20 14 30 21 40 28 SB150 SB160 50 35 1.0 60 42 SB180 SB1100 80 56 100 70 Unit V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 1.0A @TA = 25C @TA = 100C
IFSM VFM IRM Cj R R
JL JA
40 0.50 0.5 10 110 15 50 -65 to +150 80 0.70 0.85
A V mA pF C/W C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB120 THRU SB1100
RATINGS AND CHARACTERISTIC CURVES
IF, INSTANTANEOUS FORWARD CURRENT (A) 20 10
I(O), AVERAGE FORWARD CURRENT (A)
1
0.75
SB120-SB140
0.5
SB150-SB1100
SB120 - SB140 SB150 - SB160
1.0
SB180 - SB1100 Tj = 25C IF Pulse Width = 300s
0.25
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5MM) LEAD LENGTH
0 0 25 50 75 100 125 150 175
0.1
0.0
0.2
0.4
0.6
0.8
1.0
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
40
Tj = 150C
1000 Cj, JUNCTION CAPACITANCE (pF)
Single Half Sine-Wave (JEDEC Method)
Tj = 25C f = 1.0MHz
30
SB120 - SB140
20
100
SB150 - SB1100
10
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
10 0.1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
10
Tj = 100C
1.0
Tj = 75C
0.1
0.01
Tj = 25C
0.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X